Part Number Hot Search : 
E5027 1N3305RB MSP3447G IE02003 100MZF LM317 T7570 330M2
Product Description
Full Text Search
 

To Download APT30D30B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1
2
TO -24
7
1 - Cathode 2 - Anode Back of Case - Cathode
APT30D30B
1 2
300V
30A
ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
PRODUCT APPLICATIONS
* Anti-Parallel Diode * * * * *
-Switchmode Power Supply -Inverters Free Wheeling Diode -Motor Controllers -Converters Snubber Diode Uninterruptible Power Supply (UPS) Induction Heating High Speed Rectifiers
PRODUCT FEATURES
* Ultrafast Recovery Times * Soft Recovery Characteristics * Popular TO-247 Package * Low Forward Voltage
PRODUCT BENEFITS
* Low Losses * Low Noise Switching * Cooler Operation * Higher Reliability Systems * Increased System Power
Density
MAXIMUM RATINGS
Symbol VR VRRM VRWM IF(AV) IF(RMS) IFSM TJ,TSTG TL
Characteristic / Test Conditions Maximum D.C. Reverse Voltage
Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reverse Voltage
Maximum Average Forward Current (TC = 110C, Duty Cycle = 0.5) RMS Forward Current
AL IC HN EC ION E T AT NC RM VA FO AD IN
* High Blocking Voltage * Low Leakage Current 300 30 70 320 300
All Ratings: TC = 25C unless otherwise specified.
APT30D30B UNIT
Volts
Amps
Non-Repetitive Forward Surge Current (TJ = 45C, 8.3ms) Operating and StorageTemperature Range Lead Temperature: 0.063" from Case for 10 Sec.
-55 to 150
C
STATIC ELECTRICAL CHARACTERISTICS
Symbol Characteristic / Test Conditions IF = 30A VF Maximum Forward Voltage IF = 60A IF = 30A, TJ = 150C IRM CT LS Maximum Reverse Leakage Current VR = VR Rated VR = VR Rated, TJ = 125C Junction Capacitance, VR = 150V Series Inductance (Lead to Lead 5mm from Base) MIN TYP MAX UNIT
1.4 1.4 1.2 250
A Volts
500
10-2001 053-3002 Rev A
70 10
pF nH
USA EUROPE
405 S.W. Columbia Street Chemin de Magret
Bend, Oregon 97702 -1035 F-33700 Merignac - France
Phone: (541) 382-8028 Phone: (33) 5 57 92 15 15
FAX: (541) 388-0364 FAX: (33) 5 56 47 97 61
DYNAMIC CHARACTERISTICS
Symbol trr1 trr2 trr3 tfr1 tfr2 IRRM1 IRRM2 Qrr1 Qrr2 Vfr1 Vfr2 diM/dt Characteristic Reverse Recovery Time, IF = 1.0A, diF /dt = -15A/s, VR = 30V, TJ = 25C Reverse Recovery Time IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Time IF = 30A, diF /dt = 240A/s, VR = 180V Reverse Recovery Current IF = 30A, diF /dt = -240A/s, VR = 180V Recovery Charge IF = 30A, diF /dt = -240A/s, VR = 180V Forward Recovery Voltage TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C TJ = 100C TJ = 25C MIN TYP
APT30D30B
MAX UNIT
35 40 60 162 162 5 8 110
TBD
ns
9
Amps
16
nC
IF = 30A, diF /dt = 240A/s, VR = 180V Rate of Fall of Recovery Current
IF = 30A, diF /dt = -240A/s, VR = 180V
THERMAL AND MECHANICAL CHARACTERISTICS
Symbol RqJC RqJA WT Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance Package Weight
AL IC HN EC ION TT CE MA AN OR DV NF A I
2.9 2.9
TJ = 100C TJ = 25C
280
Volts
400 700
A/s
TJ = 100C
MIN
TYP
MAX
UNIT C/W
0.90 40
oz gm
0.22 6.1
10
Torque Maximum Mounting Torque (Screw Type = 6-32 or 3mm Machine)
lb*in N*m
1.1
TO-247AD Package Outline
4.69 (.185) 5.31 (.209) 1.49 (.059) 2.49 (.098) 6.15 (.242) BSC 15.49 (.610) 16.26 (.640) 5.38 (.212) 6.20 (.244)
Cathode
20.80 (.819) 21.46 (.845) 3.55 (.140) 3.81 (.150)
4.50 (.177) Max.
10-2001
0.40 (.016) 0.79 (.031)
19.81 (.780) 20.32 (.800) 1.01 (.040) 1.40 (.055)
1.65 (.065) 2.13 (.084)
053-3002 Rev A
Anode
2.21 (.087) 2.59 (.102)
Cathode
10.50 (.430) BSC
Dimensions in Millimeters and (Inches)


▲Up To Search▲   

 
Price & Availability of APT30D30B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X